Part Number Hot Search : 
16C55 11000 MB25MW LM703 SZ30B5 TLN102 CXD8117 SMAJ33
Product Description
Full Text Search
 

To Download 10-32-1051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/14/2014 please check www.molex.com for latest part information part number: 10-32-1051 status: active overview: kk? interconnect system - molex description: 5.08mm pitch spox? wire-to-board header, vertical, with friction lock, 5 circuits documents: 3d model product specification ps-5197-004 (pdf) drawing (pdf) product specification ps-5197-005 (pdf) product specification ps-5197-001 (pdf) product specification ps-5281-002 (pdf) product specification ps-5197-003 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72090224 ul e29179 general product family pcb headers series 5281 application power, wire-to-board overview kk? interconnect system - molex product name spox? upc 800753611047 physical breakaway no circuits (loaded) 5 circuits (maximum) 5 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 1970.500/mg number of rows 1 orientation vertical pc tail length 3.60mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 5.08mm plating min - mating 5.080m plating min - termination 5.080m polarized to pcb no shrouded partial stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5281 series mates with 5197 spox? crimp terminal housing
termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v material info old part number 5281-05a reference - drawing numbers product specification ps-5197-001, ps-5197-003, ps-5197-004, ps-5197-005, ps-5281-002, rps-5197-001, rps-5281-001 sales drawing sd-5281-001 this document was generated on 05/14/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 10-32-1051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X